Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 64 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 64 Page - ams AG

Back Button AS8268 Datasheet HTML 60Page - ams AG AS8268 Datasheet HTML 61Page - ams AG AS8268 Datasheet HTML 62Page - ams AG AS8268 Datasheet HTML 63Page - ams AG AS8268 Datasheet HTML 64Page - ams AG AS8268 Datasheet HTML 65Page - ams AG AS8268 Datasheet HTML 66Page - ams AG AS8268 Datasheet HTML 67Page - ams AG AS8268 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 64 of 136
PCNT1
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
PCNT2
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
The maximum reference pulse frequency is defined below:
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Reference pulse frequency
frefp
120
kHz
STATUS0/STATUS1 (951Eh/951Fh)
The STATUS registers contain the irq flag register bits for each of the I/Os, the COUNT register bit which
signals when a pulse counting should be started and the CINT flag bit which indicates when pulse counting has
been completed.
The irq flag registers are cleared by software only (MCU), but they cannot be set by software.
The COUNT register bit can be set and reset by software (MCU). The COUNT register bit is cleared, when the
pulse counter is finished and an interrupt has been generated.
STATUS0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
STATUS1
MSB
LSB
COUNT
CINT
0
0
IO11
IO10
IO9
IO8
AS8268 only
Notes:
1) IOx:
0:
no change on input x
1:
input x has changed
2) When an interrupt on an IO change has been generated, the signal irq is reset after the related flag has
been cleared.
3) CINT is a flag, which indicates that the pulse counting has finished. When CINT is cleared, the irq is
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com