Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 48 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 48 Page - ams AG

Back Button AS8268 Datasheet HTML 44Page - ams AG AS8268 Datasheet HTML 45Page - ams AG AS8268 Datasheet HTML 46Page - ams AG AS8268 Datasheet HTML 47Page - ams AG AS8268 Datasheet HTML 48Page - ams AG AS8268 Datasheet HTML 49Page - ams AG AS8268 Datasheet HTML 50Page - ams AG AS8268 Datasheet HTML 51Page - ams AG AS8268 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 48 of 136
The Programmable Divider follows a fixed 'Divide by 5' divider, thus the default value to the Programmable
Divider is:
3.579545 / 5 = 715909 (default value to Programmable Divider)
Therefore: A change of 1Hz in this default value is equal to:
1 / 715909 = 1.397 ppm
Measure the deviation in the clk_1Hz frequency output provided by the AS8267 / AS8268 ICs
Assuming an error of +690 ppm is measured (faster than real-time)
Thus +690 / 1.397 = 493.915
≅ 494
Therefore 494 must be added to the default value:
715908 + 494 = 716402 (dec) = 0A EE 72 (hex)
Divider Register Byte 2 = 0A
Divider Register Byte 1 = EE
Divider Register Byte 0 = 72
The RTC is then calibrated to within +/- 1.4 ppm
Frequency Trimming (9133h)
A further option for clk_1Hz frequency trimming is available. In this case only the 5 lower bits of register
‘Frequency Trim’ (9133h) are used as defined in the following table.
FREQ_TRIM[4:0] Correction [ppm]
Seconds per Day 1
Seconds per Day 2
0
1
1
1
1
87.0
7
8
0
1
1
1
0
81.2
7
7
0
1
1
0
1
75.4
6
7
0
1
1
0
0
69.6
6
6
0
1
0
1
1
63.8
5
6
0
1
0
1
0
58.0
5
5
0
1
0
0
1
52.2
4
5
0
1
0
0
0
46.4
4
4
0
0
1
1
1
40.6
3
4
0
0
1
1
0
34.8
3
3
0
0
1
0
1
29.0
2
3
0
0
1
0
0
23.2
2
2
0
0
0
1
1
17.4
1
2
0
0
0
1
0
11.6
1
1
0
0
0
0
1
5.8
0
1
0
0
0
0
0
0
0
0
1
1
1
1
1
-5.8
0
-1
1
1
1
1
0
-11.6
-1
-1
1
1
1
0
1
-17.4
-1
-2
1
1
1
0
0
-23.2
-2
-2
1
1
0
1
1
-29.0
-2
-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com