Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 55 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 55 Page - ams AG

Back Button AS8268 Datasheet HTML 51Page - ams AG AS8268 Datasheet HTML 52Page - ams AG AS8268 Datasheet HTML 53Page - ams AG AS8268 Datasheet HTML 54Page - ams AG AS8268 Datasheet HTML 55Page - ams AG AS8268 Datasheet HTML 56Page - ams AG AS8268 Datasheet HTML 57Page - ams AG AS8268 Datasheet HTML 58Page - ams AG AS8268 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 55 of 136
The complete register is organized in bytes according to following table:
Register Name
Address
Reset Value
Description
reg1[7:0]
9200h
00h
reg1[15:8]
9201h
00h
reg1[23:16]
9202h
00h
reg1[31:24]
9203h
00h
reg1[39:32]
9204h
00h
reg1[47:40]
9205h
00h
reg1[55:48]
9206h
00h
reg1[63:56]
9207h
00h
reg1[71:64]
9208h
00h
reg1[79:72]
9209h
00h
reg1[87:80]
920Ah
00h
reg1[95:88]
920Bh
00h
AS8268 only
reg2[7:0]
9210h
00h
reg2[15:8]
9211h
00h
reg2[23:16]
9212h
00h
reg2[31:24]
9213h
00h
reg2[39:32]
9214h
00h
reg2[47:40]
9215h
00h
reg2[55:48]
9216h
00h
reg2[63:56]
9217h
00h
reg2[71:64]
9218h
00h
reg2[79:72]
9219h
00h
reg2[87:80]
921Ah
00h
reg2[95:88]
921Bh
00h
AS8268 only
use_reg
921Eh
00h
Bit 0: Selects register to be used.
0: Data Register 1
1: Data Register 2
selvlcd[2:0]
921Fh
00h
Select VLCD level. See table in LCD Voltage Select
Register.
lcdd_pd
9220h
01h
Bit 0: Power-down of the LCDD analog part.
0: Display on
1: Display off
Notes:
1) Unused registers will simply be ignored.
2) All the registers are write only. Read operations always return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com