Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 14 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 14 Page - ams AG

Back Button AS8268 Datasheet HTML 10Page - ams AG AS8268 Datasheet HTML 11Page - ams AG AS8268 Datasheet HTML 12Page - ams AG AS8268 Datasheet HTML 13Page - ams AG AS8268 Datasheet HTML 14Page - ams AG AS8268 Datasheet HTML 15Page - ams AG AS8268 Datasheet HTML 16Page - ams AG AS8268 Datasheet HTML 17Page - ams AG AS8268 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 14 of 136
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
I [A]
Graph 13: Error as a % of reading using vconst for mains
voltage value – Channel I1
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
58
60
62
F [Hz]
HP_off
HP_on
Graph 15: Error as a % of reading with variation in line
frequency – Channel I1
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
I [A]
Graph 14: Error as a % of reading using vconst for mains
voltage value – Channel I2
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
58
60
62
F [Hz]
HP_off
HP_on
Graph 16: Error as a % of reading with variation in line
frequency – Channel I2
Note:
All measurements taken for the compilation of the graphs above were made using a reference meter design
using the application circuit depicted on page 3 of this data sheet and incorporating the AS8267 / AS8268
integrated circuits.
For all graphical measurements, where the temperature was not specified, measurements were made at
ambient (25 °C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com