Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 10 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 10 Page - ams AG

Back Button AS8268 Datasheet HTML 6Page - ams AG AS8268 Datasheet HTML 7Page - ams AG AS8268 Datasheet HTML 8Page - ams AG AS8268 Datasheet HTML 9Page - ams AG AS8268 Datasheet HTML 10Page - ams AG AS8268 Datasheet HTML 11Page - ams AG AS8268 Datasheet HTML 12Page - ams AG AS8268 Datasheet HTML 13Page - ams AG AS8268 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 10 of 136
MPIO Inputs with Schmitt Trigger and Selectable Pull-up/Pull-down
Parameter
Symbol
Min
Typ
Max
Unit
Notes
High level input voltage
VIH
0.7 x VDD
V
Low level input voltage
VIL
0.3 x VDD
V
High level input current
IIH
15
100
µA
Tested at VDD=3.6V and Vin=3.6V;
‘pull-down’
Low level input current
IIL
-100
-15
µA
Tested at VDD=3.6V and Vin=0V;
‘pull-up’
MPIO Outputs with Programmable Drive Strength
Parameter
Symbol
Min
Typ
Max
Unit
Notes
High level output current
VOH
2.5
V
Tested at VDD=3.0V
Low level output current
VOL
0.4
V
Tested at VDD=3.0V
High level output current
IOH
4
mA
If ‘4mA’ is selected. Tested at
VDD=3.0V and Vout=VOH
Low level output current
IOL
-4
mA
If ‘4mA’ is selected. Tested at
VDD=3.0V and Vout=VOL
High level output current
IOH
8
mA
If ‘8mA’ is selected. Tested at
VDD=3.0V and Vout=VOH
Low level output current
IOL
-8
mA
If ‘8mA’ is selected. Tested at
VDD=3.0V and Vout=VOL
LCDD Outputs
The Liquid Crystal display driver (LCDD) outputs are specified in the LCD Driver section of this data sheet.
6.4
Electrical System Specification
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Signals
Voltage channel input voltage
|VVP|
100
212
mVp
Referenced to VSSA
Current channel input voltage
(Gain=4)
|VI1P|, |VI2P|
150
212
mVp
Referenced to VSSA
Current channel input voltage
(Gain=16)
|VI1P|, |VI2P|
38
54
mVp
Referenced to VSSA
Current channel input voltage
(Gain=20)
|VI1P|, |VI2P|
30
42
mVp
Referenced to VSSA
Mains frequency
fmains
45
65
Hz
Dynamic range current
DR(I)
600:1
Dynamic range power
DR(P)
2000:1
Accuracy
0.1
%
Reading
Error variation over dyn. range
err(dr)
0.2
%
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com