Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 9 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 9 Page - ams AG

Back Button AS8268 Datasheet HTML 5Page - ams AG AS8268 Datasheet HTML 6Page - ams AG AS8268 Datasheet HTML 7Page - ams AG AS8268 Datasheet HTML 8Page - ams AG AS8268 Datasheet HTML 9Page - ams AG AS8268 Datasheet HTML 10Page - ams AG AS8268 Datasheet HTML 11Page - ams AG AS8268 Datasheet HTML 12Page - ams AG AS8268 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 9 of 136
6.3
DC/AC Characteristics for Digital Inputs and Outputs
CMOS Input with Schmitt Trigger and Pull-up Resistor (RXD, RES_N)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
High level input voltage
VIH
0.7 x VDD
V
Low level input voltage
VIL
0.3 x VDD
V
Low level input current
IIL
-100
-15
µA
Tested at VDD=3.6V and Vin=0V
CMOS Output (TXD)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
High level output voltage
VOH
2.5
V
Tested at VDD=3.0V
Low level output voltage
VOL
0.4
V
Tested at VDD=3.0V
High level output current
IOH
4
mA
Tested at VDD=3.0V and Vout=VOH
Low level output current
IOL
-4
mA
Tested at VDD=3.0V and Vout=VOL
MPIO Inputs with Pull-up or Pull-down Resistor (SC, S_N, MISO, MOSI)
Parameter
Symbol
Min
Max
Unit Notes
High level input voltage
VIH
0.7*VDD
V
Low level input voltage
VIL
0.3*VDD
V
High level output voltage
VOH
2.5
V
Low level output voltage
VOL
0.4
V
High level output current
IOH
4
mA
Low level output current
IOL
-4
mA
Pull-up
High level input leakage
IIH
-1
1
µA Tested at VDD=Vin=3.6V
Low level input current
IIL
-100
-15
µA Tested at VDD=3.6V and Vin=0V;
‘pull-up’
Pull-down
High level input leakage
IIH
100
15
µA Tested at VDD=Vin=3.6V; ‘pull-down’
Low level input current
IIL
-1
1
µA Tested at VDD=3.6V and Vin=0V
Note:
VOH, VOL, IOH and IOL are tested at VDD=3.0V.
IOL is tested at Vout=VOL
IOH is tested at Vout=VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com