Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 79 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 79 Page - ams AG

Back Button AS8268 Datasheet HTML 75Page - ams AG AS8268 Datasheet HTML 76Page - ams AG AS8268 Datasheet HTML 77Page - ams AG AS8268 Datasheet HTML 78Page - ams AG AS8268 Datasheet HTML 79Page - ams AG AS8268 Datasheet HTML 80Page - ams AG AS8268 Datasheet HTML 81Page - ams AG AS8268 Datasheet HTML 82Page - ams AG AS8268 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 79 of 136
In order to protect against inadvertent programming the user can see these bits. Please note that the protected
range of EEPROM cannot be overwritten via an SCT command there anymore. Reprogramming must be done
with a dedicated program then.
Instruction Set
Instruction
Name
Instruction
Format
Description
READ
03h
Read data from memory starting with selected address
WRITE
02h
Write data to memory beginning at selected address. Most EEPROMs allow page writing
of pages 16, 32, 64 or even more bytes for faster device programming. Before every
page write operation a WREN instruction must be applied – see also bootloading and
uploading sequence for details.
WREN
06h
Write enable EEPROM, enables write operation
RDSR
05h
Read EEPROM Status register
WRDI
08h
Write disable EEPROM, disable write operation
WRSR
01h
Write EEPROM Status register
SPI Modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of the two following
modes:
-
CPOL = 0, CPHA = 0
-
CPOL = 1, CPHA = 1 (It is recommended to set CPOL = 1, CPHA = 1 in your program: The build-in
bootloader uses this setting as well.)
For these two modes, input data is latched in on the rising edge of Serial Clock (SC), and output data is issued
on the falling edge of Serial Clock (SC).
The recommended mode is shown in Figure 11. The clock polarity SC is ‘1’ when the bus master is in Stand-by
mode and not transferring data (idle state):
-
SC remains at 1 for (CPOL = 1, CPHA = 1)
Figure 11: SPI modes recommended
EEP_SC(in)
EEP_SI(in)
EEP_SO(out
)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com