Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 84 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 84 Page - ams AG

Back Button AS8268 Datasheet HTML 80Page - ams AG AS8268 Datasheet HTML 81Page - ams AG AS8268 Datasheet HTML 82Page - ams AG AS8268 Datasheet HTML 83Page - ams AG AS8268 Datasheet HTML 84Page - ams AG AS8268 Datasheet HTML 85Page - ams AG AS8268 Datasheet HTML 86Page - ams AG AS8268 Datasheet HTML 87Page - ams AG AS8268 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 84 of 136
FLASH Attack Register
If enabled by the ATK_EN bit in the Flash status register, the attack register logs any unauthorized access to the device and
stores it in the Flash memory. After five attacks the device disables the UART1 interface forever.
MSB
LSB
-
-
-
A5
A4
A3
A2
A1
Bit
Symbol
Function
7
-
Not used
6
-
Not used
5
-
Not used
4
A5
5
th attack
3
A4
4
th attack
2
A3
3
rd attack
1
A2
2
nd attack
0
A1
1
st attack
Whenever the password is not entered correctly and the attack counter is enabled one bit of the attack register
is set and its copy is updated in the Flash memory.
Data Organisation in the FLASH Memory
1.
Program data are stored beginning at address 0000h.
2.
Program data size must not be bigger than 32768 – 16 (0000h – 7FEFh).
3.
The length of the program is stored at the two topmost bytes.
For the 32k Flash memory this means: Length (takes 2 bytes) is stored at 7FFE to 7FFFh.
4.
The 8byte password is stored at 7FF0h to 7FF7h.
5.
Non-volatile Flash status flags are located at 7FF8h to 7FF9h.
6.
Meter data and system parameters are stored in the remaining memory space. The allocation of memory space is totally
up to the MCU program.
7.
The program data will not be protected against overwriting processes from the MCU program.
8.
In case there is no program stored in the Flash (boot loader detects all 0s or all 1s at the program length address) the
boot loader forces the MCU to loop on address 0 (“SJMP $”, Hex code: 80FEh).
FLASH Timing
Parameter
Typ
Unit
Note
Program time
6.75
ms
fclk = 3.58MHz
Erase time
3.39
ms
fclk = 3.58MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com