Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 8 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 8 Page - ams AG

Back Button AS8268 Datasheet HTML 4Page - ams AG AS8268 Datasheet HTML 5Page - ams AG AS8268 Datasheet HTML 6Page - ams AG AS8268 Datasheet HTML 7Page - ams AG AS8268 Datasheet HTML 8Page - ams AG AS8268 Datasheet HTML 9Page - ams AG AS8268 Datasheet HTML 10Page - ams AG AS8268 Datasheet HTML 11Page - ams AG AS8268 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 8 of 136
6. Electrical Characteristics
6.1
Absolute Maximum Ratings (Non-Operating)
Stresses beyond the ‘Absolute Maximum Ratings’ may cause permanent damage to the AS8267 / AS8268 ICs.
These are stress ratings only. Functional operation of the device at these or any other conditions beyond those
indicated under ‘Operating Conditions’ is not implied.
Caution:
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit Notes
DC supply voltage
VDD
-0.3
+5.0
V
Input pin voltage
Vin
-0.3
VDD+0.3
V
Electrostatic discharge
ESD
1000
V
Norm: MIL 883 E method 3015
Storage temperature
Tstrg
-55
125
°C
Lead temperature profile
Tlead
Norm: IPC/JEDEC-020C
Humidity non-condensing
5
85
%
6.2
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Positive analog supply voltage
VDDA
3.0
3.3
3.6
V
Negative analog supply voltage
VSSA
0
0
V
Difference of supplies
A - D
-0.1
0.1
V
VDDA – VDDD
VSSA – VSSD
Positive digital supply voltage
VDDD
3.0
3.3
3.6
V
Negative digital supply voltage
VSSD
0
0
V
Battery supply voltage
VDD_BAT
2.0
3.3
3.6
V
Ambient temperature
Tamb
-40
25
85
°C
Supply current
Isupp
5
mA
Depending on MCU activity
System clock frequency
fosc
3.0
3.579545
4.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com