Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 94 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 94 Page - ams AG

Back Button AS8268 Datasheet HTML 90Page - ams AG AS8268 Datasheet HTML 91Page - ams AG AS8268 Datasheet HTML 92Page - ams AG AS8268 Datasheet HTML 93Page - ams AG AS8268 Datasheet HTML 94Page - ams AG AS8268 Datasheet HTML 95Page - ams AG AS8268 Datasheet HTML 96Page - ams AG AS8268 Datasheet HTML 97Page - ams AG AS8268 Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 94 of 136
Hex
Code
Mnemonic
Operands
B/C
1)
Hex
Code
Mnemonic
Operands
B/C
1)
C0
PUSH
dir
2/1
2)
E0
MOVX
A, @DPTR
2/2
C1
AJMP
code addr
2/2
E1
AJMP
code addr
2/2
C2
CLR
bit addr
2/1
E2
MOVX
A, @R0
2/2
C3
CLR
C
1/1
E3
MOVX
A, @R1
2/2
C4
SWAP
A
1/1
E4
CLR
A
1/1
C5
XCH
A, dir
2/1
E5
MOV
A, dir
2/1
C6
XCH
A, @R0
1/1
E6
MOV
A, @R0
1/1
C7
XCH
A, @R1
1/1
E7
MOV
A, @R1
1/1
C8
XCH
A, R0
1/1
E8
MOV
A, R0
1/1
C9
XCH
A, R1
1/1
E9
MOV
A, R1
1/1
CA
XCH
A, R2
1/1
EA
MOV
A, R2
1/1
CB
XCH
A, R3
1/1
EB
MOV
A, R3
1/1
CC
XCH
A, R4
1/1
EC
MOV
A, R4
1/1
CD
XCH
A, R5
1/1
ED
MOV
A, R5
1/1
CE
XCH
A, R6
1/1
EE
MOV
A, R6
1/1
CF
XCH
A, R7
1/1
EF
MOV
A, R7
1/1
D0
POP
dir
2/1
2)
F0
MOVX
@DPTR, A
1/2
D1
ACALL
code addr
2/2
F1
ACALL
code addr
2/2
D2
SETB
bit addr
2/1
F2
MOVX
@R0, A
1/2
D3
SETB
C
1/1
F3
MOVX
@R1, A
1/2
D4
DA
A
1/1
F4
CPL
A
1/1
D5
DJNZ
dir, code addr
3/2
F5
MOV
dir, A
2/1
D6
XCHD
A, @R0
1/1
F6
MOV
@R0, A
1/1
D7
XCHD
A, @R1
1/1
F7
MOV
@R1, A
1/1
D8
DJNZ
R0, code addr
2/2
F8
MOV
R0, A
1/1
D9
DJNZ
R1, code addr
2/2
F9
MOV
R1, A
1/1
DA
DJNZ
R2, code addr
2/2
FA
MOV
R2, A
1/1
DB
DJNZ
R3, code addr
2/2
FB
MOV
R3, A
1/1
DC
DJNZ
R4, code addr
2/2
FC
MOV
R4, A
1/1
DD
DJNZ
R5, code addr
2/2
FD
MOV
R5, A
1/1
DE
DJNZ
R6, code addr
2/2
FE
MOV
R6, A
1/1
DF
DJNZ
R7, code addr
2/2
FF
MOV
R7, A
1/1
dir .............. variable in I_RAM
code addr ... address in code memory
data ........... immediate data
bit addr....... address of a bit in bit-addressable I_RAM
Notes:
1) ‘B’ = number of bytes
‘C’ = number of cycles
2) Optimised execution in a single cycle; normally 2 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com