Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 23 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 23 Page - ams AG

Back Button AS8268 Datasheet HTML 19Page - ams AG AS8268 Datasheet HTML 20Page - ams AG AS8268 Datasheet HTML 21Page - ams AG AS8268 Datasheet HTML 22Page - ams AG AS8268 Datasheet HTML 23Page - ams AG AS8268 Datasheet HTML 24Page - ams AG AS8268 Datasheet HTML 25Page - ams AG AS8268 Datasheet HTML 26Page - ams AG AS8268 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 23 of 136
Calculating Phase Correction Factors
The measured phase_error in percentage is defined by the following formula
[]
%
100
)
60
cos(
)
60
cos(
)
shift
_
phase
60
cos(
error
_
phase
×
°
°
−
+
°
=
while the phase_shift in degrees, is calculated as follows:
[ ]
°
−
⎥
⎦
⎤
⎢
⎣
⎡
°
×
⎟
⎠
⎞
⎜
⎝
⎛ +
=
60
)
60
cos(
100
%
error
_
phase
1
arccos
shift
_
phase
phase_correction= –phase_shift
The required phase correction factor can be determined from error measurements with a power factor (PF) less
than 1.
Assuming that at PF = 1 the meter has been calibrated and the error is approximately 0 for Ical (calibration
current), the PF is reduced and the effect of phase differences results in an increased error (‘phase_error’).
Example: The phase_error at PF = 0.5 (
ϕ = 60°) is measured to be 9.2 %.
The related phase shift can be calculated using the following formula:
[ ]
°
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
°
×
⎟
⎠
⎞
⎜
⎝
⎛ +
=
60
60
cos
100
%
error
_
phase
1
cos
arc
shift
_
phase
where the phase_error is the measured error in percentage and cosΦ is the phase angle.
For phase_error = 9.2[%] the phase_shift is -3.0° and therefore the phase correction is 3.0°.
If fosc = 3.579545MHz and fmains = 50Hz, one phase correction unit represents 2.41’, which is 0.04023°.
Thus the phase correction factor must be set to
units
.
.
.
57
74
04023
0
0
3
=
°
°
= 75 units.
The pcorr register has to be set to 4Bh.
Equalization Filters
The equalization filters in the voltage and current channels correct for the attenuation effects introduced by the
decimation filters around the frequency band limit. The resulting transfer curve after the equalization filter has
approximately 0dB attenuation over the entire frequency band.
The equalization filters may be by-passed (sel_equ), if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com