Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 26 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 26 Page - ams AG

Back Button AS8268 Datasheet HTML 22Page - ams AG AS8268 Datasheet HTML 23Page - ams AG AS8268 Datasheet HTML 24Page - ams AG AS8268 Datasheet HTML 25Page - ams AG AS8268 Datasheet HTML 26Page - ams AG AS8268 Datasheet HTML 27Page - ams AG AS8268 Datasheet HTML 28Page - ams AG AS8268 Datasheet HTML 29Page - ams AG AS8268 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 26 of 136
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
768
,
32
185
,
67
027
,
73
round
hex
)
reg
(
1
i
_
cal
()
()
31
.
617
,
35
round
hex
=
= hex(35,617)
= 8B21h
Constant Voltage Register (vconst)
The vconst registers (9334h and 9335h) provide a predefined voltage value that can be used for calculating
energy when the Vmains is not available.
The default value of vconst is 2877 (0B3Dh) which translates into an equivalent Vmains value of 311V.
The energy is calculated using vconst and the selected current (i1 or i2) when sel_v in the SREG/Select
register is set to ‘1’.
The vconst value may be calculated according to the formula:
π
×
×
=
2
V
_
RMS
vconst
Example: RMS_V = 479
⇒
π
×
×
=
2
479
vconst
= 2,128
Note: When vconst is used for the calculation of energy, sel_p must be set to ‘0’.
Low Pass Filter for Real Power (PLP)
When the instantaneous power is low pass filtered the result is practically a DC value for the power, which is
termed real power. It is generally preferred to use real power to generate pulses for the calibration, as the
duration between pulses is more constant (pulse jitter).
Corner frequency:
18.6Hz
The low pass filter ensures that the power output pulse jitter is minimised.
Direction Indicator (DIRO)
The direction indicator (DIRO) situated in the Status Register (Bit 4) defines the direction of the measured
power. The direction is determined by the phase relationship between the Mains voltage and selected Mains
current (i1 or i2).
When bit 4 in the Status Register is ‘0’, the Mains voltage and selected Mains current are in phase, thus
indicating positive energy flow. When bit 4 in the Status Register is ‘1’, the Mains voltage and the selected
Mains current have a phase reversal, indicating negative energy flow. The energy calculation (np) is generated
(Once the voltage channel has been calibrated, 479
is the typical value when Vmains = 230V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com