Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 24 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 24 Page - ams AG

Back Button AS8268 Datasheet HTML 20Page - ams AG AS8268 Datasheet HTML 21Page - ams AG AS8268 Datasheet HTML 22Page - ams AG AS8268 Datasheet HTML 23Page - ams AG AS8268 Datasheet HTML 24Page - ams AG AS8268 Datasheet HTML 25Page - ams AG AS8268 Datasheet HTML 26Page - ams AG AS8268 Datasheet HTML 27Page - ams AG AS8268 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 24 of 136
High-Pass Filters
The high pass filters in the voltage and current channels, with corner frequencies of <10Hz, correct for DC
offsets introduced into the input channels.
Each of the voltage and current channels has a separate high pass filter in order to avoid any phase shift being
introduced between the voltage and the two current channels.
The high pass filters may also be by-passed (sel_hp), if so desired.
Corner frequency:
<10Hz
RMS Calculations
The DSP provides the voltage and current channel data in ‘sum-of-squares’ format. To calculate RMS values
from the voltage (sos_v) and current (sos_i1 and sos_i2), the following formula should be applied for the
voltage and current respectively:
∑
=
=
nsamp
1
i
2
i
rms
V
nsamp
1
V
,
where
∑
=
nsamp
1
i
2
i
V
is the sos_v value
∑
=
=
nsamp
1
i
2
i
rms
I
nsamp
1
I
,
where
∑
=
nsamp
1
i
2
i
I
is the sos_i value
nsamp should be selected in order to achieve coherent sampling as close as possible:
e.g. fs = 3.4956kHz (fosc = 3.579545MHz) ⇒ nsamp = 3496 should be selected if the MCU has to be
interrupted every 1 second.
Refer to Squareroot Block (SQRT) for a detailed description of the programming sequence of the squareroot
input operand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com