Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 20 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 20 Page - ams AG

Back Button AS8268 Datasheet HTML 16Page - ams AG AS8268 Datasheet HTML 17Page - ams AG AS8268 Datasheet HTML 18Page - ams AG AS8268 Datasheet HTML 19Page - ams AG AS8268 Datasheet HTML 20Page - ams AG AS8268 Datasheet HTML 21Page - ams AG AS8268 Datasheet HTML 22Page - ams AG AS8268 Datasheet HTML 23Page - ams AG AS8268 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 20 of 136
The iMux (current multiplexer) allows the selection of the applicable current for power calculation (sel_i), while
the vMux (voltage multiplexer) allows the selection of either the mains voltage data, or a constant voltage
value, vconst (sel_v). The multiplication of the appropriately selected voltage and current signals is then
performed.
After multiplication, the next multiplexer (sel_p) enables the selection of either instantaneous power or real
power, which is derived through low pass filtering, PLP. The direction indicator output (diro) is derived from the
output of the power low pass filter (PLP).
The following multiplexer (creep) allows the selection of the power signal, or blocks the power signal,
depending on the required anti-creep and starting current thresholds, which may be set in the microcontroller.
Only when constant voltage value (vconst) is selected by the vMux (voltage multiplexer) or when diro=1, it is
necessary to derive the absolute power value, for measurement (Abs).
The first pulse generator (Fast Pulse Gen) produces fast internal pulses, with the number of pulses being
proportional to the measured energy. The multiplexer enables the selection of the appropriate pulse level
(pulselev_i1 or pulselev_i2) depending on the current being used for energy measurement (sel_i). The output
of the Fast Pulse Gen is always directly proportional to the LED pulse output, generated in the LED Pulse Gen.
The LED output pulse rate is selectable (mconst). The polarity of the LED output pulses is also selectable
(ledpol).
To ensure that the power data transferred to the microcontroller (MCU) is identical to that of the LED pulses,
the power accumulator (P_ACCU) counts the pulses generated by the Fast Pulse Gen. After a defined number
of sampling periods (nsamp), an interrupt is sent to the MCU, for the MCU to collect the accumulated energy
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com