Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 86 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 86 Page - ams AG

Back Button AS8268 Datasheet HTML 82Page - ams AG AS8268 Datasheet HTML 83Page - ams AG AS8268 Datasheet HTML 84Page - ams AG AS8268 Datasheet HTML 85Page - ams AG AS8268 Datasheet HTML 86Page - ams AG AS8268 Datasheet HTML 87Page - ams AG AS8268 Datasheet HTML 88Page - ams AG AS8268 Datasheet HTML 89Page - ams AG AS8268 Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 86 of 136
General Description
Based on the software development flow it only makes sense to lock the software after the development is
finished. Therefore we can distinguish between access to the Flash during the software development and
access to the Flash after the development is finished.
The protection is implemented in such a way that the external Flash memory access (UART1, SPI via
SPI_Flash) is blocked.
Access during Software Development
During the development phase of the meter software each external access to the Flash must be enabled.
This means that the listed commands are enabled
READ
WRITE Byte
WRITE Page
PAGE ERASE
MASS ERASE
Access after Software Development
After the completion of the software development there are two possible modes of protecting the Flash content.
a) Protection via PASSWORD
If this mode is selected the listed commands are disabled:
READ
WRITE Byte
WRITE Page
PAGE ERASE
MASS ERASE
b) Protection via PASSWORD and ATTACK COUNTER
If this mode is selected the listed commands are disabled and the Attack Counter is enabled:
READ
WRITE Byte
WRITE Page
PAGE ERASE
MASS ERASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com