Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 93 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 93 Page - ams AG

Back Button AS8268 Datasheet HTML 89Page - ams AG AS8268 Datasheet HTML 90Page - ams AG AS8268 Datasheet HTML 91Page - ams AG AS8268 Datasheet HTML 92Page - ams AG AS8268 Datasheet HTML 93Page - ams AG AS8268 Datasheet HTML 94Page - ams AG AS8268 Datasheet HTML 95Page - ams AG AS8268 Datasheet HTML 96Page - ams AG AS8268 Datasheet HTML 97Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 93 of 136
Hex
Code
Mnemonic
Operands
B/C
1)
Hex
Code
Mnemonic
Operands
B/C
1)
60
JZ
code addr
2/2
90
MOV
DPTR, #data
3/2
61
AJMP
code addr
2/2
91
ACALL
code addr
2/2
62
XRL
dir, A
2/1
92
MOV
bit addr, C
2/1
2)
63
XRL
dir, #data
3/2
93
MOVC
A, @A+DPTR
2/2
64
XRL
A, #data
2/1
94
SUBB
A, #data
2/1
65
XRL
A, dir
2/1
95
SUBB
A, dir
2/1
66
XRL
A, @R0
1/1
96
SUBB
A, @R0
1/1
67
XRL
A, @R1
1/1
97
SUBB
A, @R1
1/1
68
XRL
A, R0
1/1
98
SUBB
A, R0
1/1
69
XRL
A, R1
1/1
99
SUBB
A, R1
1/1
6A
XRL
A, R2
1/1
9A
SUBB
A, R2
1/1
6B
XRL
A, R3
1/1
9B
SUBB
A, R3
1/1
6C
XRL
A, R4
1/1
9C
SUBB
A, R4
1/1
6D
XRL
A, R5
1/1
9D
SUBB
A, R5
1/1
6E
XRL
A, R6
1/1
9E
SUBB
A, R6
1/1
6F
XRL
A, R7
1/1
9F
SUBB
A, R7
1/1
70
JNZ
code addr
2/2
A0
ORL
C, /bit addr
2/1
2)
71
ACALL
code addr
2/2
A1
AJMP
code addr
2/2
72
ORL
C, bit addr
2/1
2)
A2
MOV
C, bit addr
2/1
73
JMP
@A+DPTR
1/2
A3
INC
DPTR
1/1
2)
74
MOV
A, #data
2/1
A4
MUL
AB
1/4
75
MOV
dir, #data
2/1
A5
n/a
(reserved)
1/1
76
MOV
@R0, #data
1/1
A6
MOV
@R0, dir
2/1
2)
77
MOV
@R1, #data
1/1
A7
MOV
@R1, dir
2/1
2)
78
MOV
R0, #data
1/1
A8
MOV
R0, dir
2/1
2)
79
MOV
R1, #data
1/1
A9
MOV
R1, dir
2/1
2)
7A
MOV
R2, #data
1/1
AA
MOV
R2, dir
2/1
2)
7B
MOV
R3, #data
1/1
AB
MOV
R3, dir
2/1
2)
7C
MOV
R4, #data
1/1
AC
MOV
R4, dir
2/1
2)
7D
MOV
R5, #data
1/1
AD
MOV
R5, dir
2/1
2)
7E
MOV
R6, #data
1/1
AE
MOV
R6, dir
2/1
2)
7F
MOV
R7, #data
1/1
AF
MOV
R7, dir
2/1
2)
80
SJMP
code addr
2/2
B0
ANL
C, /bit addr
2/1
2)
81
AJMP
code addr
2/2
B1
ACALL
code addr
2/2
82
ANL
C, bit addr
2/1
2)
B2
CPL
bit addr
2/1
83
MOVC
A, @A+PC
2/2
B3
CPL
C
1/1
84
DIV
AB
1/4
B4
CJNE
A, #data, code
3/2
85
MOV
dir, dir
3/2
B5
CJNE
A, dir, code
3/2
86
MOV
dir, @R0
2/1
2)
B6
CJNE
@R0, #data, code
3/2
87
MOV
dir, @R1
2/1
2)
B7
CJNE
@R1, #data, code
3/2
88
MOV
dir, R0
2/1
2)
B8
CJNE
R0, #data, code
3/2
89
MOV
dir, R1
2/1
2)
B9
CJNE
R1, #data, code
3/2
8A
MOV
dir, R2
2/1
2)
BA
CJNE
R2, #data, code
3/2
8B
MOV
dir, R3
2/1
2)
BB
CJNE
R3, #data, code
3/2
8C
MOV
dir, R4
2/1
2)
BC
CJNE
R4, #data, code
3/2
8D
MOV
dir, R5
2/1
2)
BD
CJNE
R5, #data, code
3/2
8E
MOV
dir, R6
2/1
2)
BE
CJNE
R6, #data, code
3/2
8F
MOV
dir, R7
2/1
2)
BF
CJNE
R7, #data, code
3/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com