Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 28 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 28 Page - ams AG

Back Button AS8268 Datasheet HTML 24Page - ams AG AS8268 Datasheet HTML 25Page - ams AG AS8268 Datasheet HTML 26Page - ams AG AS8268 Datasheet HTML 27Page - ams AG AS8268 Datasheet HTML 28Page - ams AG AS8268 Datasheet HTML 29Page - ams AG AS8268 Datasheet HTML 30Page - ams AG AS8268 Datasheet HTML 31Page - ams AG AS8268 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 28 of 136
The second pulse generator (LED Pulse Gen) produces the LED output pulses (meter constant) from the fast
internal pulses. This type of data interface ensures that the MCU receives exactly the same energy information
as is displayed by the LED pulses.
In case of ‘creep’, the power samples to be added will be set to 0.
The following flow chart shows the basic flow diagram for pulse generation:
Wait for next
power samples
Add power
sample to accu
Generate pulse
Accu>
threshold
defined by
pulse_lev?
Y
N
The Fast Pulse Gen output pulse rate always has the same relationship with the LED pulse rate defined by
mconst. Only if LED is calibrated to a meter constant different from those provided in the mconst table, will the
fast internal pulse rate be different.
Formula for fast internal pulse rate (PRint):
[]
kWh
/
i
mconst
Rate
Pulse
et
arg
T
800
,
204
PRint
×
=
where mconst is the meter constant.
[]
Ws
PR
600
,
3
000
,
1
i
1
int
×
=
when 1i is one impulse representing an energy equivalent.
e.g.
TargetPulseRate = mconst = 3200i/kWh
PRint = 204,800 × 1 [i/kWh]
[]
Ws
58
.
17
800
,
204
600
,
3
000
,
1
i
1
=
×
=
Active Power Calibration (Pulse_lev)
This paragraph describes how the active power measurement within the AS8267 / AS8268 ICs is calibrated.
The parameter Pulse_lev is the main parameter which determines the output frequency of the Fast Pulse Gen.
This frequency relates to the measured power and is the basis from which the output pulse rate is derived.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com