Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 5 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 5 Page - ams AG

  AS8268 Datasheet HTML 1Page - ams AG AS8268 Datasheet HTML 2Page - ams AG AS8268 Datasheet HTML 3Page - ams AG AS8268 Datasheet HTML 4Page - ams AG AS8268 Datasheet HTML 5Page - ams AG AS8268 Datasheet HTML 6Page - ams AG AS8268 Datasheet HTML 7Page - ams AG AS8268 Datasheet HTML 8Page - ams AG AS8268 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 5 of 136
Pin
No.
Pin Name
AS8267
Pin Name
AS8268
Type
Description
11
IO2
IO2
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
12
IO3
IO3
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
13
VDDD
VDDD
S
Positive supply voltage to the digital circuitry and is internally connected to pin
22. The required supply voltage is 3.3V
±10%.
14
VSSD
VSSD
S
Ground reference for the digital circuitry.
15
IO4
IO4
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
16
IO5
IO5
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
17
IO6
IO6
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
18
IO7
IO7
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
19
IO8
IO8
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
20
MISO
MISO
DIOPD Serial peripheral interface (SPI):
Serial Data input in Master mode
Serial Data output in Slave mode
21
VSSD
VSSD
S
Ground reference for the digital circuitry.
22
VDDD
VDDD
S
Positive digital supply. VDDD provides the positive supply voltage to the digital
circuitry and is internally connected to pin 13. The required supply voltage is
3.3V
±10%.
23
S_N
S_N
DIOPU Serial peripheral interface (SPI): Chip select
24
MOSI
MOSI
DIOPD Serial peripheral interface (SPI):
Serial Data output in Master mode
Serial Data input in Slave mode
25
SC
SC
DIOPU Serial peripheral interface (SPI): Serial clock
26
n.c.
IO9
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
27
n.c.
IO10
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
28
n.c.
IO11
DIO
Programmable multi-purpose input/output, with selectable pull-up or pull-down
resistors and selectable drive strength.
29
TXD
TXD
DO
Universal Asynchronous Receiver/Transmitter (UART1) serial transmit data
output.
30
RXD
RXD
DIPU
Universal Asynchronous Receiver/Transmitter (UART1) serial receive data
input.
31
VDD_BAT VDD_BAT
S
Battery backup supply voltage input for the real time clock (RTC).
32
XIN
XIN
AI
A 3.0 to 4.0MHz crystal may be connected across XIN and XOUT.
Alternatively, an external clock signal may be applied to XIN.
33
XOUT
XOUT
AO
See XIN above, for the connection of a crystal. When an external clock is
applied to XIN, XOUT is not connected.
34
RES_N
RES_N
System reset active low.
35
n.c.
n.c.
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com