Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 72 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 72 Page - ams AG

Back Button AS8268 Datasheet HTML 68Page - ams AG AS8268 Datasheet HTML 69Page - ams AG AS8268 Datasheet HTML 70Page - ams AG AS8268 Datasheet HTML 71Page - ams AG AS8268 Datasheet HTML 72Page - ams AG AS8268 Datasheet HTML 73Page - ams AG AS8268 Datasheet HTML 74Page - ams AG AS8268 Datasheet HTML 75Page - ams AG AS8268 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 72 of 136
8.5.2.
SPI_FLASH Mode
In this mode the SPI operates in slave mode, in which the interface is used to communicate with the internal
Flash memory.
The SPI_Flash block contains an 8-bit instruction register. It is accessed via the MISO pin, with data being
clocked in on the rising edge of SC. The S_N pin must be low. The table below contains the list of the possible
instruction bytes and format for SPI_Flash block operation. All instructions, addresses, and data are
transferred MSB first, LSB last. Data is sampled on the first rising edge of SC after S_N goes low.
Instruction Set
Instruction Name
Instruction
Code
Description
READ
03h
Read data from memory array beginning at selected address
PP
02h
Page Program, moves data to selected memory page
WREN
06h
Set write enable latch (enable write and erase operations)
WRDI
04h
Reset the write enable latch (disable write operations)
RDSR
05h
Read Flash status register (FLASH_STAT, 9700h)
WRSR
01h
Write Flash status register (FLASH_STAT, 9700h)
PE
D8h
Page Erase
ME
C7h
Mass Erase
RESET
E9h
Sets external reset pin (may be used to reset the whole device)
Functional Description
Arbitration
After a write, page erase or mass erase command the Flash memory is busy for some time and no command must be sent.
To handle concurrent access from MCU and the MCU independent interfaces (UART1, SPI via SPI_Flash) to the Flash
memory an arbitration procedure is necessary for the external interfaces:
1.
Send a request to the Flash (Set REQ bit in FLASH_STAT register)
2.
Poll status of Flash until Flash is ready (WIP bit in FLASH_STAT register must be 0)
-> Flash memory is reserved for external interface and MCU remains halted.
3.
Send one or several Flash commands (Flash must not be busy before sending the next Flash command)
4.
Release Flash request (Clear REQ bit in FLASH_STAT register)
-> MCU is running again
Request is needed for all Flash commands
Concurrent access of both MCU independent interfaces is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com