Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 11 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 11 Page - ams AG

Back Button AS8268 Datasheet HTML 7Page - ams AG AS8268 Datasheet HTML 8Page - ams AG AS8268 Datasheet HTML 9Page - ams AG AS8268 Datasheet HTML 10Page - ams AG AS8268 Datasheet HTML 11Page - ams AG AS8268 Datasheet HTML 12Page - ams AG AS8268 Datasheet HTML 13Page - ams AG AS8268 Datasheet HTML 14Page - ams AG AS8268 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 11 of 136
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Error variation over temperature
err(temp)
0.5
%
Within operating
temperature range, 1)
Error variation over cos(phi)
err(cosphi)
0.5
%
From 1 to 0.5, 1)
Error variation with VDD
err(VDD)
0.2
%
1)
Output pulse jitter
J
0.1
%
2)
Mains voltage
Vmains
264
V(rms)
240V + 10%, 3)
Measured current
Imax
120
A(rms)
3)
Measurement bandwidth
BW
1.75
kHz
Notes:
1) Errors determined during energy measurement using a demo board and a reference meter with high
accuracy (0.05%), which calculates the actual error.
2) Difference between largest and smallest error of 20 successive error samples; maximum meter constant:
1,600i/kWh; reference meter: 10,000 x DUT-meter-constant; measured at 5% Ib, Ib and Imax.
3) What is used for system considerations/calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com