Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 96 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 96 Page - ams AG

Back Button AS8268 Datasheet HTML 92Page - ams AG AS8268 Datasheet HTML 93Page - ams AG AS8268 Datasheet HTML 94Page - ams AG AS8268 Datasheet HTML 95Page - ams AG AS8268 Datasheet HTML 96Page - ams AG AS8268 Datasheet HTML 97Page - ams AG AS8268 Datasheet HTML 98Page - ams AG AS8268 Datasheet HTML 99Page - ams AG AS8268 Datasheet HTML 100Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 96 of 136
Interrupt
Source
RTC
UART2
UART1
SPI
MPIO
Timer 0
DSP
Interrupt
Vector
0033h
002Bh
0023h
001Bh
0013h
000Bh
0003h
Note:
Timer0 must have the highest priority in the IP register. No other interrupt should be assigned with a high priority.
Symbol
Position
Function
Priority
EA
IE.7
1
Disables all interrupt when 0. If EA = 1 each interrupt is
individually enabled due to its enable bit.
ERTC
IE.6
RTC real time clock, interrupt enable bit
Lowest
ES2
IE.5
UART2, serial port, interrupt enable bit
ES
IE.4
1
UART1, serial port, interrupt enable bit
ESPI
IE.3
SPI serial port, interrupt enable bit
EIOX
IE.2
MPIO external pin, interrupt enable bit
ET0
IE.1
1
Timer 0, interrupt enable bit
EDSP
IE.0
DSP data available
Highest
Note:
1) Standard 8051 bits
Interrupt Priorities
Each interrupt source can be individually assigned one of two priority levels. A low priority interrupt can always
be interrupted by a higher-priority interrupt, but not by another low priority interrupt. A high-priority interrupt
cannot be interrupted by any other interrupt source.
If the corresponding IP bit is set then this interrupt is serviced first if another interrupt request occurs at the
same time where the IP bit is zero.
Interrupt on the same priority level are serviced due to the internal polling sequence starting with DSP highest
down to RTC lowest.
Symbol
Position
Function
Source Flags
IP.7
-
PRTC
IP.6
Real time clock, priority bit
TSA, STF, A1F, A2F
PS2
IP.5
UART2 serial port, priority bit
RI, TI
PS
IP.4
1
UART1 serial port, priority bit
RI, TI
PSPI
IP.3
SPI serial port, priority bit
ITRA
PIOX
IP.2
MPIO external pin, priority bit
in Status 0 / Status 1
PT0
IP.1
1
Timer 0, priority bit
TF0
PDSP
IP.0
DSP priority bit
dai, alarm
Note:
1) Standard 8051 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com