Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 40 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 40 Page - ams AG

Back Button AS8268 Datasheet HTML 36Page - ams AG AS8268 Datasheet HTML 37Page - ams AG AS8268 Datasheet HTML 38Page - ams AG AS8268 Datasheet HTML 39Page - ams AG AS8268 Datasheet HTML 40Page - ams AG AS8268 Datasheet HTML 41Page - ams AG AS8268 Datasheet HTML 42Page - ams AG AS8268 Datasheet HTML 43Page - ams AG AS8268 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 40 of 136
System Timing and Real Time Clock (RTC)
A low power crystal oscillator using a 3.0 to 4.0MHz crystal provides the AS8267 / AS8268 system timing. The
low power oscillator is internally connected to a low power divider, which provides a 1Hz signal to the real time
clock, which may be trimmed. The RTC circuit may be battery powered to continue operating even when Vmains
is interrupted.
Low Power
Oscillator
Low Power
Divider
RTC
Register
Interface
1Hz
div[19:0]
MCU
Mclk
XIN
XOUT
VDD_BAT
clk_1hz
Figure 5:
System timing and RTC block diagram
Low Power Oscillator (LP_OSC)
The low power oscillator is connected to an external 3.0 to 4.0MHz crystal. The oscillator can be operated in
normal mode or low power mode.
Should a suitable external clock signal be preferred, this may be directly connected to the XIN pin, which is fed
through to output ‘Mclk’. In this case, XOUT is left unconnected.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Current consumption, normal mode
Iosc,norm
20
µA
VDD supply
Current consumption, low power mode
Iosc,bat
7
µA
VDD_BAT = 2VDC @
25°C
Frequency range
fosc
3.0
3.579545
4.0
MHz
Supply voltage range
VDD_BAT
2.0
3.3
3.6
V
Duty cycle
duty_cyc
45
55
%
Low Power Divider (LP_DIV, 9130h – 9132h)
The main oscillator output frequency (Mclk) is divided down to 1Hz for the real time clock (RTC). The option to
use alternative crystal frequencies and still derive a 1Hz clock signal for the real time clock (RTC), is provided
through this internally programmable divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com