Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8268 Datasheet(PDF) 37 Page - ams AG

Part # AS8268
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8268 Datasheet(HTML) 37 Page - ams AG

Back Button AS8268 Datasheet HTML 33Page - ams AG AS8268 Datasheet HTML 34Page - ams AG AS8268 Datasheet HTML 35Page - ams AG AS8268 Datasheet HTML 36Page - ams AG AS8268 Datasheet HTML 37Page - ams AG AS8268 Datasheet HTML 38Page - ams AG AS8268 Datasheet HTML 39Page - ams AG AS8268 Datasheet HTML 40Page - ams AG AS8268 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 37 of 136
Select Register (Select, 9336h)
MSB
LSB
ledpol
-
-
sel_p
sel_i
sel_v
sel_hp
sel_equ
Bit
Symbol Function
7
ledpol
Selects polarity of LED pulses:
0: negative going pulses
1: positive going pulses (default)
6
-
Not used
5
-
Not used
4
sel_p
Select between instantaneous and real power for pulse generation
0: instantaneous power
1: real power (low-pass filtered instantaneous power)
3
sel_i
Select current channel for power calculation (Fast Pulse Gen)
0: i1
1: i2
2
sel_v
Select voltage channel data
0: selects voltage channel analog input
1: selects the predefined constant ‘vconst’
1
sel_hp
Select high-pass filter
0: high-pass
1: no high-pass
0
sel_equ Select equalisation filter
0: equalizer
1: no equalizer
Gain Settings Register (Gains, 9337h)
MSB
LSB
-
-
-
-
gain_i2[1]
gain_i2[0]
gain_i1[1]
gain_i1[0]
Bit
Symbol Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
Bit1
Bit0
Gain
0
0
4
3
gain_i2[1]
0
1
16
1
0
16
1
1
20
2
gain_i2[0]
Gain setting for current channel 2 modulator
Bit1
Bit0
Gain
0
0
4
1
gain_i1[1]
0
1
16
1
0
16
1
1
20
0
gain_i1[0]
Gain setting for current channel 1 modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com