Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 121 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 121 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 117Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 118Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 119Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 120Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 121Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 122Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 123Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 124Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 125Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
121
34
374
PPG0
Yes
34
Programmable Pulse Generator 0
35
370
PPG1
Yes
35
Programmable Pulse Generator 1
36
36C
PPG2
Yes
36
Programmable Pulse Generator 2
37
368
PPG3
Yes
37
Programmable Pulse Generator 3
38
364
PPG4
Yes
38
Programmable Pulse Generator 4
39
360
PPG5
Yes
39
Programmable Pulse Generator 5
40
35C
PPG6
Yes
40
Programmable Pulse Generator 6
41
358
PPG7
Yes
41
Programmable Pulse Generator 7
42
354
PPG8
Yes
42
Programmable Pulse Generator 8
43
350
PPG9
Yes
43
Programmable Pulse Generator 9
44
34C
PPG10
Yes
44
Programmable Pulse Generator 10
45
348
PPG11
Yes
45
Programmable Pulse Generator 11
46
344
PPG12
Yes
46
Programmable Pulse Generator 12
47
340
PPG13
Yes
47
Programmable Pulse Generator 13
48
33C
PPG14
Yes
48
Programmable Pulse Generator 14
49
338
PPG15
Yes
49
Programmable Pulse Generator 15
50
334
PPG16
Yes
50
Programmable Pulse Generator 16
51
330
PPG17
Yes
51
Programmable Pulse Generator 17
52
32C
PPG18
Yes
52
Programmable Pulse Generator 18
53
328
PPG19
Yes
53
Programmable Pulse Generator 19
54
324
RLT0
Yes
54
Reload Timer 0
55
320
RLT1
Yes
55
Reload Timer 1
56
31C
RLT2
Yes
56
Reload Timer 2
57
318
RLT3
Yes
57
Reload Timer 3
58
314
PPGRLT
Yes
58
Reload Timer 6 - dedicated for PPG
59
310
ICU0
Yes
59
Input Capture Unit 0
60
30C
ICU1
Yes
60
Input Capture Unit 1
61
308
ICU2
Yes
61
Input Capture Unit 2
62
304
ICU3
Yes
62
Input Capture Unit 3
63
300
ICU4
Yes
63
Input Capture Unit 4
64
2FC
ICU5
Yes
64
Input Capture Unit 5
65
2F8
ICU6
Yes
65
Input Capture Unit 6
66
2F4
ICU7
Yes
66
Input Capture Unit 7
67
2F0
ICU8
Yes
67
Input Capture Unit 8
68
2EC
ICU9
Yes
68
Input Capture Unit 9
69
2E8
ICU10
Yes
69
Input Capture Unit 10
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com