Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 122 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 122 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 118Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 119Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 120Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 121Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 122Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 123Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 124Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 125Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 126Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 159 page
background image
MB96300 Series
Preliminary Specification
122
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
70
2E4
ICU11
Yes
70
Input Capture Unit 11
71
2E0
OCU4
Yes
71
Output Compare Unit 4
72
2DC
OCU5
Yes
72
Output Compare Unit 5
73
2D8
OCU6
Yes
73
Output Compare Unit 6
74
2D4
OCU7
Yes
74
Output Compare Unit 7
75
2D0
OCU10
Yes
75
Output Compare Unit 10
76
2CC
OCU11
Yes
76
Output Compare Unit 11
77
2C8
FRT0
Yes
77
Free Running Timer 0
78
2C4
FRT1
Yes
78
Free Running Timer 1
79
2C0
FRT2
Yes
79
Free Running Timer 2
80
2BC
FRT3
Yes
80
Free Running Timer 3
81
2B8
RTC0
No
81
Real Timer Clock
82
2B4
CAL0
No
82
Clock Calibration Unit
83
2B0
IIC0
Yes
83
I2C interface
84
2AC
ADC0
Yes
84
A/D Converter
85
2A8
LINR2
Yes
85
LIN USART 2 RX
86
2A4
LINT2
Yes
86
LIN USART 2 TX
87
2A0
LINR3
Yes
87
LIN USART 3 RX
88
29C
LINT3
Yes
88
LIN USART 3 TX
89
298
LINR7
Yes
89
LIN USART 7 RX
90
294
LINT7
Yes
90
LIN USART 7 TX
91
290
LINR8
Yes
91
LIN USART 8 RX
92
28C
LINT8
Yes
92
LIN USART 8 TX
93
288
MAIN_FLASH
No
93
Main Flash memory interrupt
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com