Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 125 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 125 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 121Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 122Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 123Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 124Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 125Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 126Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 127Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 128Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 129Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
125
69
2E8
OCU5
Yes
69
Output Compare Unit 5
70
2E4
OCU6
Yes
70
Output Compare Unit 6
71
2E0
OCU7
Yes
71
Output Compare Unit 7
72
2DC
FRT0
Yes
72
Free Running Timer 0
73
2D8
FRT1
Yes
73
Free Running Timer 1
74
2D4
IIC0
Yes
74
I2C interface
75
2D0
IIC1
Yes
75
I2C interface
76
2CC
ADC0
Yes
76
A/D Converter
77
2C8
ALARM0
No
77
Alarm Comparator 0
78
2C4
ALARM1
No
78
Alarm Comparator 1
79
2C0
LINR0
Yes
79
LIN USART 0 RX
80
2BC
LINT0
Yes
80
LIN USART 0 TX
81
2B8
LINR1
Yes
81
LIN USART 1 RX
82
2B4
LINT1
Yes
82
LIN USART 1 TX
83
2B0
LINR2
Yes
83
LIN USART 2 RX
84
2AC
LINT2
Yes
84
LIN USART 2 TX
85
2A8
LINR3
Yes
85
LIN USART 3 RX
86
2A4
LINT3
Yes
86
LIN USART 3 TX
87
2A0
MAIN_FLASH
No
87
Main Flash memory
88
29C
SAT_FLASH
No
88
Satellite Flash memory
(only MB96F348H/T)
89
298
LINR7
Yes
89
LIN USART 7 RX
(only MB96F34(6/7/8)R/Y)
90
294
LINT7
Yes
90
LIN USART 7 TX
(only MB96F34(6/7/8)R/Y)
91
290
LINR8
Yes
91
LIN USART 8 RX
(only MB96F34(6/7/8)R/Y)
92
28C
LINT8
Yes
92
LIN USART 8 TX
(only MB96F34(6/7/8)R/Y)
93
288
LINR9
Yes
93
LIN USART 9 RX
(only MB96F34(6/7/8)R/Y)
94
284
LINT9
Yes
94
LIN USART 9 TX
(only MB96F34(6/7/8)R/Y)
95
280
RTC0
No
95
Real Timer Clock
(only MB96F34(6/7/8)R/Y)
96
27C
CAL0
No
96
Clock Calibration Unit
(only MB96F34(6/7/8)R/Y)
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared
by DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com