Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 132 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 132 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 128Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 129Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 130Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 131Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 132Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 133Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 134Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 135Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 136Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 159 page
background image
MB96300 Series
Preliminary Specification
132
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
s INTERRUPT VECTOR TABLE MB96(F)38x
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description
0
3FC
CALLV0
No
-
1
3F8
CALLV1
No
-
2
3F4
CALLV2
No
-
3
3F0
CALLV3
No
-
4
3EC
CALLV4
No
-
5
3E8
CALLV5
No
-
6
3E4
CALLV6
No
-
7
3E0
CALLV7
No
-
8
3DC
RESET
No
-
9
3D8
INT9
No
-
10
3D4
EXCEPTION
No
-
11
3D0
NMI
No
-
Non-Maskable Interrupt
12
3CC
DLY
No
12
Delayed Interrupt
13
3C8
RC_TIMER
No
13
RC Timer
14
3C4
MC_TIMER
No
14
Main Clock Timer
15
3C0
SC_TIMER
No
15
Sub Clock Timer
16
3BC
RESERVED
No
16
Reserved
17
3B8
EXTINT0
Yes
17
External Interrupt 0
18
3B4
EXTINT1
Yes
18
External Interrupt 1
19
3B0
EXTINT2
Yes
19
External Interrupt 2
20
3AC
EXTINT3
Yes
20
External Interrupt 3
21
3A8
EXTINT4
Yes
21
External Interrupt 4
22
3A4
EXTINT5
Yes
22
External Interrupt 5
23
3A0
EXTINT6
Yes
23
External Interrupt 6
24
39C
EXTINT7
Yes
24
External Interrupt 7
25
398
CAN0
No
25
CAN Controller 0
26
394
CAN1
No
26
CAN Controller 1
27
390
PPG0
Yes
27
Programmable Pulse Generator 0
28
38C
PPG1
Yes
28
Programmable Pulse Generator 1
29
388
PPG2
Yes
29
Programmable Pulse Generator 2
30
384
PPG3
Yes
30
Programmable Pulse Generator 3
31
380
PPG4
Yes
31
Programmable Pulse Generator 4
32
37C
PPG5
Yes
32
Programmable Pulse Generator 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com