Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 133 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 133 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 129Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 130Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 131Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 132Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 133Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 134Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 135Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 136Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 137Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
133
33
378
PPG6
Yes
33
Programmable Pulse Generator 6
34
374
PPG7
Yes
34
Programmable Pulse Generator 7
35
370
RLT0
Yes
35
Reload Timer 0
36
36C
RLT1
Yes
36
Reload Timer 1
37
368
RLT2
Yes
37
Reload Timer 2
38
364
RLT3
Yes
38
Reload Timer 3
39
360
PPGRLT
Yes
39
Reload Timer 6 - dedicated for PPG
40
35C
ICU0
Yes
40
Input Capture Unit 0
41
358
ICU1
Yes
41
Input Capture Unit 1
42
354
ICU2
Yes
42
Input Capture Unit 2
43
350
ICU3
Yes
43
Input Capture Unit 3
44
34C
ICU4
Yes
44
Input Capture Unit 4
45
348
ICU5
Yes
45
Input Capture Unit 5
46
344
ICU6
Yes
46
Input Capture Unit 6
47
340
ICU7
Yes
47
Input Capture Unit 7
48
33C
OCU0
Yes
48
Output Compare Unit 0
49
338
OCU1
Yes
49
Output Compare Unit 1
50
334
OCU2
Yes
50
Output Compare Unit 2
51
330
OCU3
Yes
51
Output Compare Unit 3
52
32C
FRT0
Yes
52
Free Running Timer 0
53
328
FRT1
Yes
53
Free Running Timer 1
54
324
RTC0
No
54
Real Timer Clock
55
320
CAL0
No
55
Clock Calibration Unit
56
31C
SG0
No
56
Sound Generator 0
57
318
SG1
No
57
Sound Generator 1
58
314
IIC0
Yes
58
I2C interface
59
310
ADC0
Yes
59
A/D Converter
60
30C
ALARM0
No
60
Alarm Comparator 0
61
308
ALARM1
No
61
Alarm Comparator 1
62
304
LINR0
Yes
62
LIN USART 0 RX
63
300
LINT0
Yes
63
LIN USART 0 TX
64
2FC
LINR1
Yes
64
LIN USART 1 RX
65
2F8
LINT1
Yes
65
LIN USART 1 TX
66
2F4
LINR2
Yes
66
LIN USART 2 RX
67
2F0
LINT2
Yes
67
LIN USART 2 TX
68
2EC
LINR4
Yes
68
LIN USART 4 RX
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com