Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 136 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 136 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 132Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 133Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 134Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 135Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 136Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 137Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 139Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 140Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 159 page
background image
MB96300 Series
Preliminary Specification
136
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
*1: Set AVCC and VCC to the same voltage. Make sure that AVCC does not exceed VCC and that the voltage at the
analog inputs does not exceed AVCC when the power is switched on.
*2: If DVCC is powered before VCC, then SMC I/O pin state is undefined. To avoid this, we recommend to always
power VCC before DVCC. It is not necessary to set VCC and DVCC to the same value.
*3: VI and VO should not exceed (D)VCC + 0.3 V. VI should not exceed the specified ratings. However if the maximun
current to/from a input is limited by some means with external components, the ICLAMP rating supercedes the VI
rating. Input/output voltages of high current ports depend on DVCC, of other ports on VCC.
*4:
• Applicable to all general purpose I/O pins (GP00_0 to GP17_7)
• Use within recommended operating conditions.
• Use at DC voltage (current)
• The +B signal should always be applied a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this may affect
other devices.
• Note that if a +B signal is input when the microcontroller power supply is off (not fixed at 0 V) , the power
supply is provided from the pins, so that incomplete operation may result.
• Note that if the +B input is applied during power-on, the power supply is provided from the pins and the resulting
supply voltage may not be sufficient to operate the Power reset (except devices with persitant low voltage
reset in internal vector mode).
• When using the LCD controller, No +B signal must be applied to any LCD I/O pin (including unused
SEG/COM pins).
• Sample recommended circuits:
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
VCC
R
Protective Diode
Limiting
resistance
+B input (0V to 16V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com