Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 139 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 139 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 135Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 136Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 137Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 139Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 140Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 141Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 142Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 143Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
139
Output “H” voltage
VOH2
Normal
and High
Current
outputs
4.5V
≤ (D)VCC ≤ 5.5V
IOH = -2mA
(D)VCC
- 0.5
--
V
Driving strength set
to 2mA
3.0V
≤ (D)VCC < 4.5V
IOH = -1.6mA
VOH5
Normal
and High
Current
outputs
4.5V
≤ (D)VCC ≤ 5.5V
IOH = -5mA
(D)VCC
- 0.5
--
V
Driving strength set
to 5mA
3.0V
≤ (D)VCC < 4.5V
IOH = -3mA
VOH30
High cur-
rent out-
puts
4.5V
≤ DVCC ≤ 5.5V
IOH = -30mA
DVCC -
0.5
--
V
Driving strength set
to 30mA
3.0V
≤ DVCC < 4.5V
IOH = -20mA
VOH3
I2C outputs
4.5V
≤ VCC ≤ 5.5V
IOH = -3mA
VCC -
0.5
--
V
3.0V
≤ VCC < 4.5V
IOH = -2mA
Output “L” voltage
VOL2
Normal
and High
Current
outputs
4.5V
≤ (D)VCC ≤ 5.5V
IOL = +2mA
-
-
0.4
V
Driving strength set
to 2mA
3.0V
≤ (D)VCC < 4.5V
IOL = +1.6mA
VOL5
Normal
and High
Current
outputs
4.5V
≤ (D)VCC ≤ 5.5V
IOL = +5mA
-
-
0.4
V
Driving strength set
to 5mA
3.0V
≤ (D)VCC < 4.5V
IOL = +3mA
VOL30
High cur-
rent out-
puts
4.5V
≤ DVCC ≤ 5.5V
IOL = +30mA
-
-
0.4
V
Driving strength set
to 30mA
3.0V
≤ DVCC < 4.5V
IOL = +20mA
VOL3
I2C outputs
4.5V
≤ VCC ≤ 5.5V
IOL = +3mA
-
-
0.4
V
3.0V
≤ VCC < 4.5V
IOL = +2mA
Input leak current
IIL
GPnn_m
DVCC =VCC = 5.5V
VSS < VI < VCC
-1
-
+1
µA
Pull-up resistance
RUP
GPnn_m,
RSTX
-
25
50
100
k
Ω
(TA = -40˚C to 125˚C, VCC = AVCC= 3.0V to 5.5V, DVCC = 3.0V to 5.5V, VSS = AVSS = DVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com