Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 141 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 141 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 137Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 139Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 140Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 141Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 142Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 143Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 144Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 145Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
141
Power supply cur-
rent in Sleep
modes*
ICCSPLL
VCC
PLL Sleep mode
with CLKP1 =
56MHz, CLKP2 =
28MHz, TA=+25˚C
-10
15
mA
CLKRC and CLKSC
stopped
ICCSMAIN
Main Sleep mode
with CLKP1 =
CLKP2 = 4MHz,
TA=+25˚C
-
1.1
2
mA
CLKPLL CLKRC and
CLKSC stopped
ICCSRCH
RC Sleep mode
with CLKP1 =
CLKP2 = 2MHz,
TA=+25˚C
-
0.8
1.5
mA
CLKMC, CLKPLL
and CLKSC stopped
ICCSRCL
RC Sleep mode
with CLKP1 =
CLKP2 = 100kHz,
TA=+25˚C
-
0.35
0.7
mA
CLKMC, CLKPLL
and CLKSC stopped
ICCSSUB
Sub Sleep mode
with CLKP1 =
CLKP2 = 32kHz,
TA=+25˚C
-
0.08
0.2
mA
CLKMC, CLKPLL
and CLKRC stopped
Power supply cur-
rent in Timer
modes*
ICCTPLL
VCC
PLL Timer mode
with CLKMC =
4MHz, CLKPLL =
56MHz, TA=+25˚C
-
1.5
2.5
mA
CLKRC and CLKSC
stopped
ICCTMAIN
Main Timer mode
with CLKMC =
4MHz, TA=+25˚C
-
0.35
0.6
mA
CLKPLL CLKRC and
CLKSC stopped
ICCTRCH
RC Timer mode
with CLKRC =
2MHz, TA=+25˚C
-
0.35
0.6
mA
CLKMC, CLKPLL
and CLKSC stopped
ICCTRCL
RC Timer mode
with CLKRC =
100kHz,
TA=+25˚C
-
0.3
0.55
mA
CLKMC, CLKPLL
and CLKSC stopped
ICCTSUB
Sub Timer mode
with CLKSC =
32kHz, TA=+25˚C
-
0.05
0.15
mA
CLKMC, CLKPLL
and CLKRC stopped
Power supply cur-
rent in Stop
mode*
ICCH
VCC
At Stop Mode,
TA=+25˚C
-
0.04
0.1
mA
Input capacitance
CIN
Other than
C, AVCC,
AVSS,
AVRH,
AVRL, VCC,
VSS, DVCC,
DVSS
--
5
15
pF
(TA = -40˚C to 125˚C, VCC = AVCC= 3.0V to 5.5V, DVCC = 3.0V to 5.5V, VSS = AVSS = DVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com