Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 145 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 145 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 141Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 142Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 143Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 144Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 145Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 146Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 147Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 148Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 149Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
145
5. A/D Converter
(TA = -40 ˚C to +125 ˚C, 3.0 V
≤ AVRH - AVRL, VCC = AVCC = 3.0V - 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
10
bit
Total error
-
-
-3
-
+3
LSB
Nonlinearity error
-
-
-2.5
-
+2.5
LSB
Differential nonlineari-
ty error
-
-
-1.9
-
+1.9
LSB
Zero reading voltage
VOT
ANn
AVRL -
1.5
AVRL+
0.5
AVRL +
2.5
LSB
Full scale reading
voltage
VFST
ANn
AVRH -
3.5
AVRH -
1.5
AVRH +
0.5
LSB
Compare time
-
-
1.0
-
16,500
µs
4.5V
≤ ΑVCC ≤ 5.5V
2.0
-
-
µs
3.0V
≤ ΑVCC < 4.5V
Sampling time
-
-
0.5
-
-
µs
4.5V
≤ ΑVCC ≤ 5.5V
1.2
-
-
µs
3.0V
≤ ΑVCC < 4.5V
Analog port input cur-
rent
IAIN
ANn
-1
-
+1
µATA = 25 ˚C
-3
-
+3
µATA = 125 ˚C
Analog input voltage
range
VAIN
ANn
AVRL
-
AVRH
V
Reference voltage
range
AVRH
AVRH/
AVRH2
0.75
AVcc
-
AVcc
V
AVRL
AVRL
AVSS
-
0.25
AVCC
V
Power supply current
IA
AVcc
-
2.5
5
mA AC Converter active
IAH
AVcc
-
-
5
µA AD Converter not
operated
Reference voltage cur-
rent
IR
AVRH
-
0.7
1
mA AC Converter active
IRH
AVRH
-
-
5
µA AD Converter not
operated
Offset between input
channels
-
ANn
-
-
TBD
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com