Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 142 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 142 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 139Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 140Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 141Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 142Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 143Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 144Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 145Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 146Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 159 page
background image
MB96300 Series
Preliminary Specification
142
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
* The power supply current is measured with a 4MHz external clock connected to the Main oscillator and a
32kHz external clock connected to the Sub oscillator, low voltage detector disabled.
Input/output voltages of high current ports depend on DVCC, of other ports on VCC.
Note: Certain devices of MB96F348 have a higher current consumption than stated in the table above:
• MB96F348HSA and MB96F348TWA: additional ~
140 µA in all operation modes
• MB96F348HWA: additional ~280
µA in all operation modes
4. AC Characteristics
(1) Clock timing
(2) External Reset timing
TBD
(TA = -40˚C to 125˚C, VCC = AVCC= 3.0V to 5.5V, DVCC = 3.0V to 5.5V, VSS = AVSS = DVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
-
16
MHz
When using an oscilla-
tion circuit, PLL off
3.5
-
16
MHz
When using an oscilla-
tion circuit, PLL on
X0, X1
3
-
32
MHz
When using an external
clock, PLL off
3.5
-
32
MHz
When using an external
clock, PLL on
fCL
X0A, X1A
-
32.768
100
kHz
fCR
-
50
100
200
kHz
When using slow fre-
quency of RC oscillator
124
MHz
When using fast fre-
quency of RC oscillator
Input clock pulse width
PWH, PWL
X0
10
-
-
ns
Duty ratio is about 30%
to 70%
PWHL, PWLL
X0A
5
-
-
µs
Input clock rise and falltime
tCR, tCF
X0
-
-
5
ns
When using external
clock
Internal CPU clock frequen-
cy (Clock CLKB), internal
peripheral clock frequency
(Clock CLKP1)
fCLKB, fCLKP1
--
-
56
MHz
Internal peripheral clock fre-
quency (Clock CLKP2)
fCLKP2
--
-
32
MHz
Internal operating clock cy-
cle time
tCP
-
16.125
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com