Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 113 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 113 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 117Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-111
TREG4 timer register is of double buffer structure, which is paired with register
buffer. The timer control register T45CR<DB4EN> controls whether the double buffer
structure should be enabled or disabled. Disabled when <DB4EN>
= 0, while enabled
when <DB4EN>
= 1.
When the double buffer is enabled, the timing to transfer data from the register
buffer to the timer register is at the match between the up counter (UC4) and timer
register TREG5.
After reset, TREG4 and TREG5 are undefined. To use the 16-bit timer after reset,
data should be written beforehand.
When reset, it will be initialized to <DB4EN>
= 0, whereby the double buffer is
disabled. To use the double buffer, write data in the timer register, set <DB4EN>
= 1,
and then write the following data in the register buffer.
TREG4 and register buffer are allocated to the same memory addresses
000030H/000031H. When <DB4EN>
= 0, same value will be written in both the timer
register and register buffer. When <DB4EN>
= 1, the value is written into only the
register buffer.
4. Capture register
These 16-bit registers are used to latch the values of the up counter.
Data in the capture registers should be read all 16 bits. For example, using a 2-byte
data load instruction or two 1-byte data load instruction, from the lower 8-bit followed
by the upper 8 bits.
CAP1 to CAP4 are read-only registers, so it cannot be written by software.
Upper 8 bits
(CAP1H)
Lower 8 bits
(CAP1L)
000035H
000034H
CAP1
Upper 8 bits
(CAP2H)
Lower 8 bits
(CAP2L)
000037H
000036H
CAP2
Timer 4
Upper 8 bits
(CAP3H)
Lower 8 bits
(CAP3L)
000045H
000044H
CAP3
Upper 8 bits
(CAP4H)
Lower 8 bits
(CAP4L)
000047H
000046H
CAP4
Timer 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com