Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-114
(3) 16-bit programmable pulse generation (PPG) output mode
Square wave pulse can be generated at any frequency and duty by timer 4. The
output pulse may be either low active or high active.
The PPG mode is obtained by inversion of the timer flip-flop TFF4 that is to be
enabled by the match of the up counter UC4 with the timer register TREG4 or TREG5
and to be output to TO4 (also used as P44). In this mode, the following conditions must
be satisfied.
(Set value of TREG4)
< (Set value of TREG5)
Figure 3.8.10 Programmable Pulse Generation (PPG) Output Waveforms
When the double buffer of TREG4 is enabled in this mode, the value of register
buffer 4 will be shifted in TREG4 at match with TREG5. This feature makes easy the
handling of low duty waves.
Figure 3.8.11 Operation of Register Buffer
Match with TREG4
(Interrupt INTTR4)
Match with TREG5
(Interrupt INTTR5)
TO4 pin
Q2
Q1
Match with TREG4
Q3
Q2
Up counter
= Q1
Up counter
= Q2
Shift into the TREG5
Write into the TREG4
TREG4
(Value to be compared)
Register buffer
Match with TREG5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com