Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 119 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 119 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 123Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-117
Setting example: To output 2 ms one-shot pulse with 3 ms delay to the external trigger
pulse to TI4 pin
* Clock condition
System clock:
High frequency (fs)
Clock gear:
1 (fc)
Prescaler clock: fFPH
Main setting
Keep counting (Free runnig)
Count with
φT1
T4MOD
← − − 1 0 1 0 0 1
Load the up counter value into CAP1 at the rise edge of TI4
pin input.
T4FFCR
← X X 0 0 0 0 1 0
Clear TFF4 to 0.
Disable TFF4 inversion.
P4CR
← − − − 1 − − − −
P4FC
← − X X 1 X X − X
Select P44 as the TO4 pin.
INTE45
← − − − − 1 1 0 0
INTET54
← 1 0 0 0 1 0 0 0
Enable INT4, and disable INTTR4 and INTTR5.
TRUN
← 1 X − 1 − − − −
Start timer 4.
Setting of INT4
TREG4
← CAP1 + 3 ms/φT1
TREG5
← TREG4 + 2 ms/φT1
T4FFCR
← X X − − 1 1 − −
Enable TFF4 inversion when the up counter value matches
TREG4 or TREG5.
INTET54
← 1 1 0 0 − − − −
Enable INTTR5.
Setting of INTTR5
T4FFCR
← X X − − 0 0 − −
Disable TFF4 inversion when the up counter value matches
TREG4 or TREG5.
INTET54
← 1 1 0 0 − − − −
Disable INTTR5.
X: Don’t care,
−: No change
When delay time is unnecessary, invert timer flip-flop (TFF4) when the up
counter value is loaded into capture register 1 (CAP1), and set the CAP1 value (c)
plus the one-shot pulse width (p) to TREG5 when the interrupt INT4 occurs. The
TFF4 inversion should be enabled when the up counter (UC4) value matches
TREG5, and disabled when generating the interrupt INTTR5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com