Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 128 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 128 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 132Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-126
Serial Channel 1 Mode Control Register
7
6
5
4
3
2
1
0
Bit symbol
TB8
CTSE1
RXE
WU
SM1
SM0
SC1
SC0
SC1MOD
(0056H)
Read/Write
R/W
After reset
Undefined
0
0
0
0
0
0
0
Function
Transferred
data
bit8
Handshake
function
0:
CTS1
disable
1: CTS1
enable
Receiving
function
0: Receive
disable
1: Receive
enable
Wakeup
function
0: Disable
1: Enable
Serial transmission mode
00: I/O interface mode
01: 7-Bit UART
10: 8-Bit UART
11: 9-Bit UART
Serial transmission clock
(UART)
00: TO2 trigger
01: Baud rate generator
10: Internal clock
φ1
11: External clock (SCLK1
input)
Figure 3.9.5 Serial Channel 1 Related Register (4/7)
Serial transmission clock (for UART mode)
00
Timer 2 match detect signal
01
Baud rate generator
10
Internal clock
φ1 (fSYS)
11
External clock (SCLK1 input)
Wakeup function
(Don’t care in the modes other than 9-bit UART)
0
Disable
1
Enable
Serial transmission mode
00
Serial transmission mode
01
7-bit length
10
8-bit length
11
UART mode
9-bit length
Receiving control
0
Receive disable
1
Receive enable
Handshake function (
1
CTS
pin)
0
Disable (Always transferable)
1
Enable
Transmission data bit8
8-bit UART mode
(Parity)
Stores transmission
parity bit
9-bit UART mode
Stores transmission
data bit8
The clock selection for the I/O interface
mode is controlled by the serial control
register (SC1CR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com