Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-128
Baud Rate Generator 1 Control Register
7
6
5
4
3
2
1
0
Bit symbol
−
BR1CK1
BR1CK0
BR1S3
BR1S2
BR1S1
BR1S0
BR1CR
(0057H)
Read/Write
R/W
R/W
After reset
0
0
0
0
0
0
0
Function
Always
write “0”.
00:
φT0
01:
φT2
10:
φT8
11:
φT32
Setting of the divided frequency
Note 1:
To use baud rate generator, set TRUN<PRRUN> to “1”, putting the prescaler in RUN mode.
Note 2:
“1 division” of baud rate generator can be used only UART mode. Do not set it in I/O interface mode.
Note 3:
Bit6 of BR1CR is read as “1”.
Note 4:
Don’t read from or write to BR1CR register during sending or receiving.
Serial Channel 1 Buffer Register
7
6
5
4
3
2
1
0
Bit symbol
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
SC0BUF
(0054H)
TB7
TB6
TB5
TB4
TB3
TB2
TB1
TB0
Read/Write
R (Receiving)/W (Transmission)
After reset
Undefined
Prohibit
read-
modify-
write
Figure 3.9.7 Serial Channel 1 Related Registers (6/7)
Setting of the divided frequency of baud rate generator
0000
16 divisions
0001
to
1111
1 division (not divided)
to
15 divisions
(Note 2)
Selecting the input clock of baud rate generator
00
Internal clock
φT0
01
Internal clock
φT2
10
Internal clock
φT8
11
Internal clock
φT32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com