Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 158 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 158 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 162Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-156
Figure 3.10.10 Stop Condition Generation
The bus condition can be indicated by reading the contents of <BB>. <BB> is set to 1
when the start condition on a bus is detected, and is set to 0 when the stop condition is
detected.
(8) Cancel interrupt service request
When the TMP93CS44/S45 is the master mode and transferring a number of clocks
set by the SBICR1<BC2:0> and the SBICR1<ACK> is complete, a serial bus interface
interrupt request (INTS2) is generated.
In the slave mode, the INTS2 is generated when the received slave address is the
same as the value set to the I2CAR and an acknowledge signal is output, when a
GENERAL CALL is received and an acknowledge signal is output, or when
transferring/receiving data is complete after the received slave address is the same as
the value set to the I2CAR and a GENERAL CALL is received.
When the serial bus interface interrupt request occurs, the SBISR<PIN> is cleared
to 0. During the time that the PIN is 0, the SCL pin is set to low level.
Either writing or reading data to or from the SBIDBR sets the <PIN> to 1.
The time from the <PIN> being set to 1 until the SCL pin is released takes tLOW.
Although the <PIN> can be set to 1 by the program, the <PIN> is not cleared to 0
when it is written 0.
(9) Serial bus interface operation mode selection
SBICR2<SBIM1:0> is used to specify the serial bus interface operation mode. Set
<SBIM1:0> to 10 when used in the I2C bus mode after confirming that input signal via
port is high level.
Switch a mode to port after making sure that a bus is free.
(10) Noise detection monitor
The I2C bus is easy to be affected by noise, because the bus is driven by the open
drain and the pull-up resistor.
With the TMP93CS44/S45, the SDA pin output and the SDA line level are compared
at a rise of the SCL line on the bus, and whether data are output correctly on the bus is
detected only in the master transmitter mode.
When the SDA pin output differs from the SDA line level, the SBISR<AL> is set to 1.
When the AL is set to 1, the SDA pin is released and the MST and the TRX are
cleared to 0 by the hardware. The TMP93CS44/S45 changes to the slave receiver mode,
and continues outputting clocks unit transferring data when the AL was set to 1 is
completed.
Either writing or reading data to or from the SBIDBR, or writing data to the SBICR2
clears to the AL to 0.
SCL line
SDA line
Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com