Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 154 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 154 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 158Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-152
Serial Bus Interface Control Register 3
7
6
5
4
3
2
1
0
Bit symbol
SWRST
SBICR3
(004FH)
Read/Write
R/W
After reset
0
Function
Software
reset
0: Don’t care
1: Initialize
SBI
Serial Bus Interface Data Buffer Register
7
6
5
4
3
2
1
0
Bit symbol
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Read/Write
R (Receive)/W (Send)
SBIDBR
(004CH)
After reset
Undefined
Note 1:
When writing the send data, start from the MSB (Bit7). Receiving data is placed from LSB (Bit0).
Note 2:
SBIDBR can’t be read the written data. Therefore read-modify-write instruction (e.g., “BIT” instruction) is
prohibitted.
Note 3:
Written data in SBIDBR is cleared by INTS2 signal.
I
2C Bus Address Register
7
6
5
4
3
2
1
0
Bit symbol
SA6
SA5
SA4
SA3
SA2
SA1
SA0
ALS
I2CAR
(004DH)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Prohibit
read-modify
-write
Function
Slave address selection.
Address
recognition
mode
specification
Figure 3.10.6 Register for I
2C Bus Mode (4/4)
Address recognition mode specification
0
Slave address recognition
1
Non slave address recognition
Software reset
0
Don’t care
1
Initialize SBI (after initializing SBI,
SWRST is automatically cleared to “0”).
Prohibit
read-
modify
-write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com