Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 151 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 151 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-149
3.10.4
I
2C Bus Mode Control
The following registers are used for control and operation status monitoring when using
the serial bus interface (SBI) in the I2C bus mode.
Serial Bus Interface Control Register 1
7
6
5
4
3
2
1
0
Bit symbol
BC2
BC1
BC0
ACK
SCK2
SCK1
SCK0
SBICR1
(004BH)
Read/Write
W
R/W
W
After reset
0
0
0
0
0
0
0
Prohibit
read-modify-
write
Function
Number of transferred bits
(Note 1)
Acknowledge
mode
specification
Serial clock selection
(Note 2)
Note 1:
Set <BC2:0> to “000” before switching to a clock synchronous 8-bit SIO mode.
Note 2:
Refer to sentence of 3.10.4 (3) “Serial clock”.
Note 3:
This I
2C bus circuit does not support high-speed mode. It supports standard mode only.
Figure 3.10.3 Register for I
2C Bus Mode (1/4)
Serial clock selection
000
N
= 4
−
kHz
001
N
= 5
−
kHz
010
N
= 6
−
kHz
011
N
= 7
74.6 kHz
100
N
= 8
38.2 kHz
101
N
= 9
19.3 kHz
110
N
= 10
9.71 kHz
System clock: fc
Clock gear: fc/1
fc
= 20 MHz
(Output on SCL pin)
111
(Reserved)
Acknowledge mode specification
0
Not generate clock pulse for acknowledge signal
1
Generate clock pulse for acknowledge signal
Number of transferred bits
<ACK>
= 0
<ACK>
= 1
<BC2:0> Number of
Clock
Bits
Number of
Clock
Bits
000
8
8
9
8
001
1
1
2
1
010
2
2
3
2
011
3
3
4
3
100
4
4
5
4
101
5
5
6
5
110
6
6
7
6
111
7
7
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com