Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 149 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 149 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 153Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-147
3.10 Serial Bus Interface (SBI)
The TMP93CS44/S45 has a 1-channel serial bus interface which employs a clocked
synchronous 8-bit serial bus interface and an I2C bus.
The serial bus interface is connected to an external device through P33 (SDA) and P34 (SCL)
in the I2C bus mode; and through P32 (SCK), P33 (SO), and P34 (SI) in the clocked synchronous
8-bit SIO mode.
TMP93CS44/S45 has no an arbitration function which is necessary when two or more master
devices scramble for the bus control. In master mode, other devices which are connected on the
same bus need be slave devices (Single master).
Setting of every pins is as follows.
ODE<ODE34:33>
P3CR<P34C, P33C, P32C> P3FC<P32M, P34F, P33F, P32F>
I
2C Bus Mode
11
11X
X110
Clock Synchronous
8-Bit SIO Mode
XX
011
010
1111
X: Don’t care
3.10.1
Configuration
Figure 3.10.1 Serial Bus Interface (SBI)
P32
(SCK/ HWR )
SIO
clock
control
Divider
I
2C bus
clock
synchronous
+
Control
SBICR2/
SBISR
SCL
SCK
Input/
output
control
SO
SI
SDA
SBIDBR
SBICR1
SBICR3
Shift
register
Transfer
control
circuit
Noise
canceller
fc/4
Noise
canceller
I
2C bus
data control
SIO
data control
INTS2 interrupt request
P33
(SO/SDA)
P34
(SI/SCL)
SBI control
register 2/
SBI status
register
I
2C bus
address
register
SBI data
buffer
register
SBI control
register 1
SBI control
register 3
I2CAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com