Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-144
Main setting
7
6
5
4
3
2
1
0
P6CR
← − − − − − − 0 −
Select P61 (RXD) as the input pin.
SC0MOD
← − 0 1 X 1 0 0 1
Enable receiving in 8-bit UART mode.
SC0CR
← X 0 1 X X X 0 0
Add an odd parity.
BR0CR
← 0 X 0 1 0 1 0 1
Set transfer rate at 9600 bps.
TRUN
← 1 X − − − − − −
Start the prescaler for the baud rate generator.
INTES0
← − − − − 1 1 0 0
Enable INTRX0 interrupt and set interrupt level 4.
X: Don’t care,
−: No change
Interrupt processing
ACC ← SC0CR AND 00011100
if ACC ≠ 0 then ERROR
Check for error.
ACC ← SC0BUF
Read the received data.
(4) Mode 3 (9-bit UART mode)
9-bit UART mode can be specified by setting SC0MOD<SM1:0> to 11. In this mode,
parity bit cannot be added.
For transmission, the MSB (9th bit) is written in SC0MOD<TB8>, while in receiving
it is stored in SC0CR<RB8>. For writing and reading the buffer, the MSB is read or
written first then SC0BUF.
Wakeup function
In 9-bit UART mode, the wakeup function of slave controllers is enabled by setting
SC0MOD<WU> to 1. The interrupt INTRX0 occurs only when <RB8>
= 1.
Note:
TXD pin of the slave controllers must be in open drain output mode.
Figure 3.9.21 Serial Link Using Wakeup Function
TXD
RXD
Master
TXD
RXD
Slave 1
TXD
RXD
Slave 2
TXD
RXD
Slave 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com