Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 144 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 144 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 148Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-142
2. Receiving
In SCLK output mode, synchronous clock is outputted from SCLK0 pin and the
data are shifted in the receiving buffer 1 whenever the receive interrupt flag
INTES0<IRX0C> is cleared by reading the received data. When 8-bit data are
received, the data will be transferred in the receiving buffer 2 (SC0BUF) at the
timing shown below, and INTES0<IRX0C> will be set again to generate INTRX0
interrupt.
Figure 3.9.19 Receiving Operation in I/O Interface Mode (SCLK output mode)
In SCLK input mode, the data is shifted in the receiving buffer 1 when SCLK
input becomes active while the receive interrupt flag INTES0<IRX0C> is cleared
by reading the received data. When 8-bit data is received, the data will be shifted
in the receiving buffer 2 (SC0BUF) at the timing shown below, and
INTES0<IRX0C> will be set again to generate INTRX0 interrupt.
Figure 3.9.20 Receiving Operation in I/O Interface Mode (SCLK input mode)
Note:
For data receiving, the system must be placed in the receive enable state
(SC0MOD<RXE>
= 1).
IRX0C
Bit0
Bit2
Bit6
Bit7
Timing to shift data in
the receiving buffer 2
SCLK0
RXD0
Bit1
Generate
INTRX0
Bit0
Bit1
Bit6
Bit7
Bit2
Generate
INTRX0
Timing to shift data in
the receiving buffer 2
RXD0
SCLK0 input
(SCLKS
= 0:
Rising edge mode)
SCLK0 input
(SCLKS
= 1:
Falling edge mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com