Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-145
Protocol
1. Select the 9-bit UART mode for the master and slave controllers.
2. Set SC0MOD<WU> bit of each slave controller to 1 to enable data receiving.
3. The master controller transmits one-frame data including the 8-bit select code for
the slave controllers. The MSB (Bit8) <TB8> is set to 1.
4. Each slave controller receives the above frame, and clears <WU> bit to 0 if the
above select code matches its own select code.
5. The master controller transmits data to the specified slave controller whose
SC0MOD<WU> bit is cleared to 0. The MSB (Bit8) <TB8> is cleared to 0.
6. The other slave controllers (with the <WU> bit remaining at 1) ignore the
receiving data because their MSBs (Bit8 or <RB8>) are set to 0 to disable the
interrupt INTRX0.
The slave controllers (<WU>
= 0) can transmit data to the master controller, and
it is possible to indicate the end of data receiving to the master controller by this
transmission.
Start
Bit0
123
456
Select code of slave controller
7
Stop
8
“1”
Start
Bit0
123
456
Data
7
Stop
Bit8
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com