Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 152 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 152 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 156Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-150
Serial Bus Interface Control Register 2
7
6
5
4
3
2
1
0
Bit symbol
MST
TRX
BB
PIN
SBIM1
SBIM0
SBICR2
(004EH)
Read/Write
W (R/W
Note 1)
W
After reset
0
0
0
1
0
0
Prohibit
read-
modify-
write
Function
Master/
slave
selection
Transmitter/
receiver
selection
Start/stop
condition
generation
Cancel
INTS2
request
Serial bus interface
operating mode selection
(Note 2)
Note 1:
This register functions as the SBISR by reading.
Note 2:
Switch a mode to the port mode after confirming that the bus is free.
Switch a mode to the I
2C bus mode and the clocked-synchronous 8-bit SIO mode after confirming that input
signals via port are high level.
Figure 3.10.4 Register for I
2C Bus Mode (2/4)
SBI operating mode selection
00
Port mode (Serial bus interface output disable)
01
SIO mode
10
I
2C bus mode
11
(Reserved)
Cancel INTS2 request
0
−
1
Cancel interrupt service request
Start/stop condition generation
0
Generate the stop condition
1
Generate the start condition
Transmitter/receiver selection
0Receiver
1
Transmitter
Master/slave selection
0Slave
1Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com