Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 153 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 153 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 157Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-151
Serial Bus Interface Status Register
7
6
5
4
3
2
1
0
Bit symbol
MST
TRX
BB
PIN
AL
AAS
AD0
LRB
SBISR
(004EH)
Read/Write
R
After reset
0
0
0
1
0
0
0
0
Prohibit
read-
modify-
write
Function
Master/
slave
selection
status
monitor
Transmitter/
receiver
selection
status
monitor
I
2C bus
status
monitor
INTS2
request
status
monitor
Noise
detection
monitor
Slave
address
match
detection
monitor
GENERAL
CALL
detection
monitor
Last received
bit monitor
Note: Bits 7 to 2 of this register function as the SBICR2 by writing.
Figure 3.10.5 Register for I
2C Bus Mode (3/4)
Last received bit monitor
0
Last received bit “0”
1
Last received bit “1”
GENERAL CALL detection monitor
0
Non GENERAL CALL detected
1
GENERAL CALL detected
Slave address match detection monitor
0
Non slave address match or
GENERAL CALL detected
1
Slave address match or GENERAL
CALL detected
Noise detection monitor
0
Non noise detected
1
Noise detected
INTS2 request status
0
Interrupt service requested
1
Interrupt service cancelled
I
2C bus status monitor
0
Bus free
1
Bus busy
Transmitter/receiver selection status monitor
0
Receiver
1
Transmitter
Master/slave selection status monitor
0Slave
1Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com