Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 164 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 164 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 168Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-162
2. When <MST> is “0” (Slave mode)
In the slave mode, the TMP93CS44/S45 operates either in normal slave mode or
in recovery process after a noise detection.
In the slave mode, an INTS2 interrupt request occurs when the serial bus
interface circuit receives a slave address or a GENERAL CALL from the master
device, or when a GENERAL CALL is received and data transfer is complete after
matching a received slave address. In the master mode, the TMP93CS44/S45
operates in a slave mode if a noise is detected. An INTS2 interrupt request occurs
when word data transfer terminates after a noise detection. When an INTS2
interrupt request occurs, the SBISR<PIN> is reset, and the SCL pin is set to low
level. Either reading or writing from or to the SBIDBR or setting the <PIN> to 1
releases the SCL pin after taking tLOW time.
The TMP93CS44/S45 tests the SBISR<AL>, the SBISR<TRX>, the <AAS>, and
the <AD0> and implements processes according to conditions listed in the next
table.
Table 3.10.1 Operation in the Slave Mode
<TRX>
<AL>
<AAS> <AD0>
Conditions
Process
1
0
In the slave receiver mode, the
TMP93CS44/S45 receives a slave
address of which the direction bit sent
from the master is “1”.
Set the number of bits in 1 word to <BC2:0>
and write transmitted data to the SBIDBR.
1
0
0
0
In the slave transmitter mode, 1-word
data is transmitted.
Check <LRB>. If <LRB> is set to “1”, set <PIN>
to “1” since the receiver does not request next
data. Then, clear <TRX> to “0” release the
bus. If <LRB> is set to “0”, set the number of
bits in a word to <BC2:0> and write transmitted
data to the SBIDBR since the receiver
requests next data.
1
1/0
In the slave receiver mode, the
TMP93CS44/S45 receives a slave
address or GENERAL CALL of which
the direction bit sent from the master is
“0”.
Read the SBIDBR for setting <PIN> to “1”
(Reading dummy data) or write “1” to <PIN>.
0
0
0
1/0
In the slave receiver mode, the
TMP93CS44/S45 terminates receiving
of 1-word data.
Set the number of bits in a word to <BC2:0>
and read received data from the SBIDBR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com