Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 167 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 167 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 171Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-165
3.10.6
Clock Synchronous 8-Bit SIO Mode Control
The following registers are used for control and operation status monitoring when using
the serial bus interface (SBI) in the clock synchronous 8-bit SIO mode.
Serial Bus Interface Control Register 1
7
6
5
4
3
2
1
0
Bit symbol
SIOS
SIOINH
SIOM1
SIOM0
SCK2
SCK1
SCK0
SBICR1
(004BH)
Read/Write
W
W
After reset
0
0
0
0
0
0
0
Prohibit
read-
modify-
write
Function
Indication
transfer
start/stop
0: Stop
1: Start
Continue/
abort
transfer
0: Continue
1: Abort
Transfer mode select
00: 8-bit transmit
01: (Reserved)
10: 8-bit transmit/receive
11: 8-bit receive
Serial clock selection
Note:
Set <SIO> to 0 and <SIOINH> to 1 when setting the transfer mode and the serial clock.
Serial Bus Interface Data Buffer Register
7
6
5
4
3
2
1
0
Bit symbol
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
SBIDBR
(004CH)
Read/Write
R (Receive)/W (Send)
After reset
Undefined
Prohibit
read-
modify-
write
Figure 3.10.18 Registers for SIO Mode (1/2)
Serial clock selection
000
fc/2
5
(625 kHz)
001
fc/2
6
(312.5 kHz)
010
fc/2
7
(156.3 kHz)
011
fc/2
8
( 78.13 kHz)
100
fc/2
9
( 39.06 kHz)
101
fc/2
10
( 19.53 kHz)
110
fc/2
11
(
9.77 kHz)
111
External clock (Input from SCK pin)
Transfer mode select
00
8-bit transmit mode
01
Reserved
10
8-bit transmit/receive mode
11
8-bit receive mode
System clock: fc
Clock gear: fc/1
fc
= 20 MHz (Output on SCK PIN)
Continue/abort transfer
0
Continue transfer
1
Abort transfer (Automatically cleared after abort)
Indicate transfer start/stop
0
Stop
1Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com