Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45 Datasheet(PDF) 171 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 171 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 169Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 170Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 171Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 172Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 173Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 174Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 175Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-169
(2) Transfer mode
SBICR1<SIOM1:0> are used to select a transmit, receive, or transmit/receive mode.
1. 8-bit transmit mode
Set a control register to a transmit mode and write data to the SBIDBR.
After the data is written, set SBICR1<SIOS> to 1 to start data transfer. The
transmitted data is transferred from the SBIDBR to the shift register and output
to the SO pin in synchronous with the serial clock, starting from the least
significant bit (LSB). When the data is transferred to the shift register, the
SBIDBR becomes empty. The INTS2 (Buffer empty) interrupt request is
generated to request new data.
When the internal clock is used, the serial clock will stop and automatic-wait
function will be initiated if new data is not loaded to the data buffer register after
the specified 8-bit data is transmitted. When new data is written, automatic-wait
function is canceled.
When the external clock is used, data should be written to the SBIDBR before
new data is shifted. The transfer speed is determined by the maximum delay time
between the time when an interrupt request is generated and the time when data
is written to the SBIDBR by the interrupt service program.
When the transmit is started, after SBISR<SIOF> goes 1 the same value as the
final bit of the last data is output until the falling edge of the SCK.
Transmitting data is ended by clearing <SIOS> to 0 with the buffer empty
interrupt service program or setting SBICR1<SIOINH> to 1. When <SIOS> is
cleared, the transmitted mode ends when all data is output. In order to confirm if
data is surely transmitted by the program, set <SIOF> to be sensed. <SIOF> is
cleared to 0 when transmitting is complete. When <SIOINH> is set to 1,
transmitting data stops. <SIOF> turns 0.
When the external clock is used, it is also necessary to clear <SIOS> to 0 before
new data is shifted; otherwise, dummy data is transmitted and operation ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com